Part Number Hot Search : 
2SB628 PSMN1R F1001 12000 G2319 SH7055SF 1812F CY7C15
Product Description
Full Text Search
 

To Download BM11B-SRSS-TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pc board layout (viewed from component side) and assembly layout note: 1. tolerances are non-cumulative: 0.05mm for all centers. 2. the dimensions above should serve as a guideline. contact jst for details. 1 23456789101112131415 sh connector 1.0mm pitch/disconnectable crimp style connectors emboss tape           header outline ?  ?  ?  ?  ?  ?  ?  ?            header outline ?  ?  ?  ?  ?  ?  ?  ?           ssh-003t-p0.2-h ? ? ?   material and finish model no. applicable wire q'ty / reel mm 2 awg# insulation o.d. (mm) phosphor bronze, tin-plated (reflow treatment) $poubdu $sjnqjoh nbdijof ap-k2n mks-l-10-3 mks-sc mk/ssh/l-003-02 sc/ssh/l-003-02 "qqmjdbups $sjnqbqqmjdbups %jft aplmk ssh/l003-02 aplsc ssh/l003-02 $sjnqbqqmjdbupsxjuiejft ssh-003t-p0.2-h the world's first 1.0mm pitch crimp style connector. ?compact, low profile design ?compatible with the sr insulation displacement connectors ?housing lances specifications ?current rating: 1.0a ac, dc (awg #28) ?voltage rating: 50v ac, dc ?temperature range: - 25?c to + 85?c (including temperature rise in applying electrical current) ?contact resistance: initial value/20m ? max. after environmental testing/40m ? max. ?insulation resistance: 100m ? min. ?withstanding voltage: 500v ac/minute ?applicable wire: conductor size/awg #32 to #28 insulation o.d./0.4 to 0.8mm * compliant with rohs. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. standards 0 recognized e60389 1 certified lr20812 contact rohs compliance note: contact jst for gold-plated products. note: *strip-crimp applicator contact jst for applicable wires in case that it is not usable due to wire size. top entry type side entry type
2 sh connector      " # circuit no.1   circuit no.1    " # 2 3 4 5 6 7 8 9 10 11 12 13 14 15 20 bm02b-srss-tb bm03b-srss-tb bm04b-srss-tb bm05b-srss-tb bm06b-srss-tb bm07b-srss-tb bm08b-srss-tb bm09b-srss-tb bm10b-srss-tb BM11B-SRSS-TB bm12b-srss-tb bm13b-srss-tb bm14b-srss-tb bm15b-srss-tb  ? 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 19.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 22.0 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 ? sm02b-srss-tb sm03b-srss-tb sm04b-srss-tb sm05b-srss-tb sm06b-srss-tb sm07b-srss-tb sm08b-srss-tb sm09b-srss-tb sm10b-srss-tb sm11b-srss-tb sm12b-srss-tb sm13b-srss-tb sm14b-srss-tb sm15b-srss-tb sm20b-srss-tb b a circuits top entry type q'ty / reel dimensions (mm) model no. side entry type side entry type top entry type material and finish contact: copper alloy, copper-undercoated, tin-plated (reflow treatment) housing: pa, ul94v-0, natural (ivory) solder tab: brass, copper-undercoated, tin-plated (reflow treatment) / #  circuit no.1 "                                                                                              shr-02v-s shr-03v-s shr-04v-s shr-05v-s shr-06v-s shr-07v-s shr-08v-s shr-09v-s shr-10v-s shr-11v-s shr-12v-s shr-13v-s shr-14v-s shr-15v-s ? shr-02v-s-b shr-03v-s-b shr-04v-s-b shr-05v-s-b shr-06v-s-b shr-07v-s-b shr-08v-s-b shr-09v-s-b shr-10v-s-b shr-11v-s-b shr-12v-s-b shr-13v-s-b shr-14v-s-b shr-15v-s-b shr-20v-s-b circuits model no. with protrusions without protrusions with protrusions without protrusions dimensions (mm) a b material q'ty / box pbt, ul94v-0, natural (white) rohs compliance shrouded header rohs compliance this product displays (lf)(sn) on a label. note: 1. the products listed above are supplied on embossed-tape. 2. contact jst for the headers with gold-plated pins. 3. contact jst for the top entry type headers with suction cap. the shrouded headers are interchangeable with those of the sr insulation displacement connectors. with protrusions top entry type side entry type without protrusions /  circuit no.1    # " housing


▲Up To Search▲   

 
Price & Availability of BM11B-SRSS-TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X